Part Number Hot Search : 
MAXIM S4025R 1002F SC190 C9835CY GP2021 MP6TP MAXIM
Product Description
Full Text Search
 

To Download PESDXV4UF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PESDXV4UF; PESDxV4UG; PESDxV4UW
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 -- 28 January 2008 Product data sheet
1. Product profile
1.1 General description
Very low capacitance unidirectional quadruple ElectroStatic Discharge (ESD) protection diode arrays in small Surface-Mounted Device (SMD) plastic packages designed to protect up to four signal lines from the damage caused by ESD and other transients.
Table 1. Product overview Package NXP PESD3V3V4UF PESD5V0V4UF PESD3V3V4UG PESD5V0V4UG PESD3V3V4UW PESD5V0V4UW SOT886 SOT886 SOT353 SOT353 SOT665 SOT665 JEITA SC-88A SC-88A JEDEC MO-252 MO-252 leadless ultra small leadless ultra small very small very small ultra small and flat lead ultra small and flat lead Package configuration
Type number
1.2 Features
I I I I ESD protection of up to four lines Very low diode capacitance Max. peak pulse power: PPP = 16 W Low clamping voltage: VCL = 11 V I I I I Ultra low leakage current: IRM = 25 nA ESD protection up to 12 kV IEC 61000-4-2; level 4 (ESD) IEC 61000-4-5 (surge); IPP = 1.5 A
1.3 Applications
I Computers and peripherals I Audio and video equipment I Cellular handsets and accessories I Communication systems I Portable electronics I Subscriber Identity Module (SIM) card protection
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
1.4 Quick reference data
Table 2. Quick reference data Tamb = 25 C unless otherwise specified. Symbol Per diode VRWM reverse standoff voltage PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW Cd diode capacitance PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW f = 1 MHz; VR = 0 V 15 18 pF 3.3 V Parameter Conditions Min Typ Max Unit
-
-
5.0
V
-
12
15
pF
2. Pinning information
Table 3. Pin 1 2 3 4 5 6 Pinning Description cathode (diode 1) common anode cathode (diode 2) cathode (diode 3) common anode cathode (diode 4)
6 5 bottom view 4 1 2 3 1 2 3
006aaa156
Simplified outline
Symbol
PESD3V3V4UF; PESD5V0V4UF
6 5 4
PESD3V3V4UG; PESD5V0V4UG 1 2 3 4 5 cathode (diode 1) common anode cathode (diode 2) cathode (diode 3) cathode (diode 4)
1 2 3
006aaa157
5
4 1 2 3 4 5
PESD3V3V4UW; PESD5V0V4UW 1 2 3 4 5 cathode (diode 1) common anode cathode (diode 2) cathode (diode 3) cathode (diode 4)
1 2 3 5 4 1 2 3
006aaa157
5
4
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
2 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
3. Ordering information
Table 4. Ordering information Package Name PESD3V3V4UF PESD5V0V4UF PESD3V3V4UG PESD5V0V4UG PESD3V3V4UW PESD5V0V4UW plastic surface-mounted package; 5 leads SOT665 SC-88A XSON6 Description plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm plastic surface-mounted package; 5 leads Version SOT886 SOT353 Type number
4. Marking
Table 5. Marking codes Marking code[1] A7 A8 V1* V2* W1 W2 Type number PESD3V3V4UF PESD5V0V4UF PESD3V3V4UG PESD5V0V4UG PESD3V3V4UW PESD5V0V4UW
[1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per diode PPP IPP Per device Tj Tamb Tstg
[1] [2] [3]
Parameter peak pulse power peak pulse current junction temperature ambient temperature storage temperature
Conditions tp = 8/20 s tp = 8/20 s
[1][2][3] [1][2][3]
Min -65 -65
Max 16 1.5 150 +150 +150
Unit W A C C C
Non-repetitive current pulse 8/20 s exponential decay waveform according to IEC 61000-4-5. For PESDXV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5. For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
3 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
Table 7. ESD maximum ratings Tamb = 25 C unless otherwise specified. Symbol Per diode VESD electrostatic discharge voltage IEC 61000-4-2 (contact discharge) MIL-STD-883 (human body model)
[1] [2] [3] Device stressed with ten non-repetitive ESD pulses. For PESDXV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5. For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
[1][2][3]
Parameter
Conditions
Min -
Max 12 10
Unit kV kV
Table 8. Standard Per diode
ESD standards compliance Conditions > 8 kV (contact) > 4 kV
IEC 61000-4-2; level 4 (ESD) MIL-STD-883; class 3 (human body model)
001aaa631
120 IPP (%) 80 100 % IPP; 8 s
001aaa630
IPP 100 % 90 %
e-t 50 % IPP; 20 s
40
10 % tr = 0.7 ns to 1 ns 0 10 20 30 t (s) 40 30 ns 60 ns t
0
Fig 1. 8/20 s pulse waveform according to IEC 61000-4-5
Fig 2. ESD pulse waveform according to IEC 61000-4-2
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
4 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
6. Characteristics
Table 9. Characteristics Tamb = 25 C unless otherwise specified. Symbol Parameter Per diode VRWM reverse standoff voltage PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW IRM reverse leakage current PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW VBR breakdown voltage PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW Cd diode capacitance PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW f = 1 MHz VR = 0 V 15 18 pF VRWM = 3.3 V 40 300 nA 3.3 V Conditions Min Typ Max Unit
-
-
5.0
V
VRWM = 5.0 V
-
3
25
nA
IR = 1 mA 5.3 5.6 5.9 V
6.4
6.8
7.2
V
VR = 3.3 V
-
9
12
pF
VR = 0 V
-
12
15
pF
VR = 5 V
-
6
9
pF
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
5 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
Table 9. Characteristics ...continued Tamb = 25 C unless otherwise specified. Symbol Parameter VCL clamping voltage PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW rdif differential resistance PESD3V3V4UF PESD3V3V4UG PESD3V3V4UW PESD5V0V4UF PESD5V0V4UG PESD5V0V4UW
[1] [2] [3]
Conditions
[1][2][3]
Min -
Typ -
Max 9
Unit V
IPP = 1 A
IPP = 2 A
-
-
11
V
IPP = 1 A
-
-
11
V
IPP = 1.7 A
-
-
13
V
IR = 1 mA 200
-
-
100
Non-repetitive current pulse 8/20 s exponential decay waveform according to IEC 61000-4-5. For PESDXV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5. For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
102
006aaa261
1.2 PPP
001aaa633
PPP (W)
PPP(25C) 0.8
10
0.4
1 1 10
102
103 tp (s)
104
0 0 50 100 150 Tj (C) 200
Tamb = 25 C
Fig 3. Peak pulse power as a function of exponential pulse duration; typical values
Fig 4. Relative variation of peak pulse power as a function of junction temperature; typical values
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
6 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
16 Cd (pF) 14
006aaa262
10
006aaa263
IRM IRM(25 C)
12 1
(1)
10
8
(2)
6 0 1 2 3 4 VR (V) 5
10-1 -100
-50
0
50
100 Tj (C)
150
f = 1 MHz; Tamb = 25 C (1) PESD3V3V4UF; PESD3V3V4UG; PESD3V3V4UW (2) PESD5V0V4UF; PESD5V0V4UG; PESD5V0V4UW
Fig 5. Diode capacitance as a function of reverse voltage; typical values
Fig 6. Relative variation of reverse leakage current as a function of junction temperature; typical values
I
-VCL -VBR -VRWM -IRM -IR - P-N
V
+
-IPP
006aaa407
Fig 7. V-I characteristics for a unidirectional ESD protection diode
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
7 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
ESD TESTER RZ CZ
450
RG 223/U 50 coax
4 GHz DIGITAL OSCILLOSCOPE 10x ATTENUATOR
50
IEC 61000-4-2 network CZ = 150 pF; RZ = 330
DUT Device Under Test
vertical scale = 200 V/div horizontal scale = 50 ns/div
vertical scale = 5 V/div horizontal scale = 50 ns/div PESD3V3V4UF/G/W
GND
PESD5V0V4UF/G/W GND GND
unclamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
clamped +1 kV ESD voltage waveform (IEC 61000-4-2 network)
GND
GND
vertical scale = 200 V/div horizontal scale = 50 ns/div unclamped -1 kV ESD voltage waveform (IEC 61000-4-2 network)
vertical scale = 5 V/div horizontal scale = 50 ns/div clamped -1 kV ESD voltage waveform (IEC 61000-4-2 network)
006aab125
Fig 8. ESD clamping test setup and waveforms
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
8 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
7. Application information
The devices are designed for the protection of up to four unidirectional data or signal lines from the damage caused by ESD and surge pulses. The devices may be used on lines where the signal polarities are both, positive and negative with respect to ground. The devices provide a surge capability of 16 W per line for an 8/20 s waveform each.
data- or transmission lines
DUT 1 2 3 4 5 1 n.c. 2 3
DUT 5
4
unidirectional protection of 4 lines
bidirectional protection of 3 lines
006aab126
Fig 9. Application diagram
Circuit board layout and protection device placement Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT) and surge transients. The following guidelines are recommended: 1. Place the device as close to the input terminal or connector as possible. 2. The path length between the device and the protected line should be minimized. 3. Keep parallel signal paths to a minimum. 4. Avoid running protected conductors in parallel with unprotected conductors. 5. Minimize all Printed-Circuit Board (PCB) conductive loops including power and ground loops. 6. Minimize the length of the transient return path to ground. 7. Avoid using shared transient return paths to a common ground point. 8. Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
9 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
8. Package outline
1.05 0.95 0.6
3 4
0.50 max 0.04 max 0.25 0.17 2.2 1.35 2.0 1.15 5
2.2 1.8 4 0.45 0.15
1.1 0.8
0.5 1.5 1.4 0.5
1 6 2 5
1 0.65 1.3 04-07-22 Dimensions in mm
2
3 0.3 0.2 0.25 0.10 04-11-16
0.40 0.32 Dimensions in mm
0.35 0.27
Fig 10. Package outline PESDXV4UF (SOT886)
1.7 1.5 5
Fig 11. Package outline PESDxV4UG (SOT353)
0.6 0.5 4 0.3 0.1
1.7 1.5
1.3 1.1
1 0.5 1 Dimensions in mm
2
3 0.27 0.17 0.18 0.08 04-11-08
Fig 12. Package outline PESDxV4UW (SOT665)
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
10 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
9. Packing information
Table 10. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number PESD3V3V4UF PESD5V0V4UF PESD3V3V4UG PESD5V0V4UG Package SOT886 SOT886 SOT353 SOT353 Description 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T4 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T4 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T2 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T2 PESD3V3V4UW SOT665 PESD5V0V4UW SOT665 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel
[1] [2] [3] [4] For further information and the availability of packing methods, see Section 13. T1: normal taping T4: 90 rotated reverse taping T2: reverse taping
[2] [3] [2] [3] [2] [4] [2] [4]
Packing quantity 3000 -115 -125 -115 -125 4000 -115 -115 5000 -115 -132 -115 -132 8000 -315 -315 10000 -135 -165 -135 -165 -
10. Soldering
1.250 0.675
0.370 (6x) 0.500 1.700 0.500 0.270 (6x)
solder lands solder paste occupied area Dimensions in mm
0.325 (6x)
0.425 (6x)
sot886_fr
Reflow soldering is the only recommended soldering method.
Fig 13. Reflow soldering footprint PESDXV4UF (SOT886)
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
11 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
2.65 0.60 (1x)
2.35
0.40 0.90 2.10
0.50 (4x)
solder lands
0.50 (4x) 1.20 2.40
sot353_fr
solder paste
solder resist occupied area
Dimensions in mm
Fig 14. Reflow soldering footprint PESDxV4UG (SOT353/SC-88A)
2.25 2.65
4.50 2.70 0.70
0.30 1.00 4.00
solder lands solder resist occupied area
1.15 3.75 transport direction during soldering
Dimensions in mm
Fig 15. Wave soldering footprint PESDxV4UG (SOT353/SC-88A)
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
12 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
2.45 2.10 1.60 0.15 (2x) 0.70 (2x) 2.00 1.70 1.00 0.45 (2x) 0.30 0.375 (2x) 0.40 (5x) 0.55
1.25 1.375 1.20 2.20
solder lands
placement area occupied area
0.075
solder resist
Dimensions in mm
Reflow soldering is the only recommended soldering method.
Fig 16. Reflow soldering footprint PESDxV4UW (SOT665)
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
13 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
11. Revision history
Table 11. Revision history Release date 20080128 Data sheet status Product data sheet Change notice Supersedes PESDXV4UG_SER_2 PESDXV4UW_SER_1 Document ID PESDXV4UF_G_W_3 Modifications:
* * * * * * * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Type numbers PESD3V3V4UF and PESD5V0V4UF added Table 1 "Product overview": added Figure 7: added Section 9 "Packing information": added Section 10 "Soldering": added Section 12 "Legal information": updated Product data sheet Product data sheet PESDXV4UG_SER_1 -
PESDXV4UG_SER_2 PESDXV4UW_SER_1
20050407 20050422
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
14 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
12. Legal information
12.1 Data sheet status
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Product status[3] Development Qualification Production
Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
12.2 Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
12.3 Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or
12.4 Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
13. Contact information
For additional information, please visit: http://www.nxp.com For sales office addresses, send an email to: salesaddresses@nxp.com
PESDXV4UF_G_W_3
(c) NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 -- 28 January 2008
15 of 16
NXP Semiconductors
PESDXV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 12.1 12.2 12.3 12.4 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 2 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 3 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Application information. . . . . . . . . . . . . . . . . . . 9 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Packing information. . . . . . . . . . . . . . . . . . . . . 11 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 Legal information. . . . . . . . . . . . . . . . . . . . . . . 15 Data sheet status . . . . . . . . . . . . . . . . . . . . . . 15 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Contact information. . . . . . . . . . . . . . . . . . . . . 15 Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2008.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 28 January 2008 Document identifier: PESDXV4UF_G_W_3


▲Up To Search▲   

 
Price & Availability of PESDXV4UF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X